Part Number Hot Search : 
TR3084 99026 TC1240 T1637 B23JP AN7024 ZPY132 AX101
Product Description
Full Text Search
 

To Download VRF151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 150W, 50V, 175MHz N-CHANNEL RF POWER VERTICAL MOSFET
PRELIMINARY INFORMATION
VRF151
BROADBAND HF/VHF VERTICAL D-MOS ISM & MILITARY/COMMERCIAL COMMUNICATIONS APPLICATIONS
Features
* * * * * * * 150W WITH 14dB TYPICAL GAIN @ 175MHz, 50V 150W WITH 22dB TYPICAL GAIN @ 30MHz, 50V EXCELLENT STABILITY & LOW IMD COMMON SOURCE CONFIGURATION 30:1 LOAD VSWR CAPABILITY AT SPECIFIED OPERATING CONDITIONS NITRIDE PASSIVATED REFRACTORY GOLD METALLIZATION
DESCRIPTION:
The VRF151 is a gold metallized silicon, n-channel RF power transistor designed for broadband commercial and military applications requiring high power and gain without compromising reliability, ruggedness, and intermodulation distortion.
1. DRAIN 2. SOURCE
3. GATE 4. SOURCE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25 C)
Symbol
V(BR)DSS VDGO VGS ID PDISS TJ T STG
Parameter
Drain-Source Voltage Drain-Gate Voltage Gate-Source Voltage Drain Current Total Device Power Dissipation Max Operating Junction Temperature Storage Temperature
Value
125 125 40 16 300 +200 -65 to +150
Unit
V V V A W C C
Thermal Data
Re(J-C) Thermal Resistance Junction-Case 0.6 C/W
VRF151.PDF 03-23-04
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
PRELIMINARY INFORMATION
VRF151
STATIC
ELECTRICAL SPECIFICATIONS (Tcase = 25 C) 25
Symbol
Off Characteristics: V(BR)DSS VGS = 0V IDSS VGS = 0V IGSS VGS = 20V On Characteristics: VGS(Q) VDS = 10V VDS(ON) VGS = 10V GFS VDS = 10V Dynamic Characteristics: CISS VGS = 0V COSS VGS = 0V CRSS VGS = 0V
Test Conditions
IDS = 100mA VDS = 50V VDS = 0V ID = 250mA ID = 10A ID = 250mA VDS = 50V VDS = 50V VDS = 50V f = 1 MHz f = 1 MHz f = 1 MHz
Min.
125 ----1.0 1.0 5.0 -------
Value Typ.
------3.0 2.0 --400 235 18
Max.
--5.0 1.0 5.0 5.0 ---------
Unit
V mA A V V mho pF pF pF
FUNCTIONAL TESTS
Symbol
POUT GPS GPS D IMD(d3) Load Mismatch
Test Conditions
f = 175MHz VDD = 50V IDQ = 250mA f = 175MHz VDD = 50V POUT = 150WPEP IDQ = 250mA f = 30MHz f = 175MHz f1 = 30MHz VDD = 50V f = 30MHz VDD = 50V POUT = 150WPEP IDQ = 250mA VDD = 50V POUT = 150WPEP IDQ = 250mA f2=30.001MHz POUT = 150WPEP IDQ = 250mA VDD = 50V POUT = 150WPEP VDQ = 250mA 30:1 VSWR - All Phase Angles
Min.
150 --18 -----
Value Typ.
14 22 55 -32
Max.
-----------
Unit
W dB dB % dBc
No degradation in Output Power
VRF151.PDF 03-23-04
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
PRELIMINARY INFORMATION
VRF151
TEST CIRCUIT INFORMATION
151
VRF151.PDF 03-23-04
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
PRELIMINARY INFORMATION
VRF151
Power Out vs. Power In
Freq = 175 MHz, Vdd = 50V, IDQ = 250mA
160.00
140.00
120.00
100.00 Power Out (W)
80.00
60.00
40.00
20.00
0.00 0.00
1.00
2.00
3.00 Power In (W)
4.00
5.00
6.00
Gain & Efficiency vs. Power Out
Freq = 175 MHz, Vdd = 50V, IDQ = 250mA
16.0 60.0%
15.5
Gain
15.0
50.0%
40.0% 14.5 Efficiency (%) Gain (dB)
14.0
30.0%
Efficiency
13.5 20.0% 13.0 10.0% 12.5
12.0 0.00 20.00 40.00 60.00 80.00 Power Out (W) 100.00 120.00 140.00
0.0% 160.00
VRF151.PDF 03-23-04
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
PRELIMINARY INFORMATION
VRF151
PACKAGE MECHANICAL DATA
VRF151.PDF 03-23-04
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.


▲Up To Search▲   

 
Price & Availability of VRF151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X